PART |
Description |
Maker |
LM64C381 |
Connection Table
|
Sharp
|
0423014 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0421016 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0441106 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0446017 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0449014 |
Ground modular terminal block, Connection method: Screw connection, Load current
|
PHOENIX CONTACT
|
0393360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 2, 90°, Box
|
Weidmuller
|
0708593 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 5-10 mm thick housing panels - HDFKV 50-VP-DP
|
Phoenix Contact
|
0708250 |
Molded feed-through terminal block, with solder connection inside, 4 mm?? screw connection outside, for housing walls up to 4 mm thickness, fixed with knurled nuts - VDFK 4
|
Phoenix Contact
|
2750646 |
INTERBUS-ST digital output module, 16 outputs, 24 V DC, 500 mA, 3-wire connection method, IP20 protection, consisting of: Terminal part with spring-cage connection and module electronics
|
PHOENIX CONTACT
|
MOC80201 MOC8021 MOC8020 MOC8020300 MOC8021W MOC80 |
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION) 6-Pin DIP Photodarlington Output Optocoupler - No Base Connection 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER SURFACE MOUNT PACKAGE-6
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
|